Part Number Hot Search : 
FR70D02 18001 030403 2N2222A 24LC00P CM336 30KPA96A 20600
Product Description
Full Text Search
 

To Download 2SC4517 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC4517 2SC4517A
DESCRIPTION With TO-220F package High voltage switching transistor APPLICATIONS For switching regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL PARAMETER 2SC4517 VCBO Collector-base voltage 2SC4517A VCEO VEBO IC ICM IB PC Tj Tstg Collector-emitter voltage Emitter-base voltage Collector current Collector current-pulse Base current Collector power dissipation Junction temperature Storage temperature TC=25ae Open base Open collector Open emitter 1000 550 7 3 6 1.5 30 150 -55~150 ae ae V V A A A W CONDITIONS VALUE 900 V UNIT
JMnic
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=10mA ; IB=0 IC=1A; IB=0.2A IC=1A; IB=0.2A VCB=800V; IE=0 VEB=7V; IC=0 IC=1A ; VCE=4V IE=0; VCB=10V;f=1MHz IE=-0.25A ; VCE=12V
2SC4517 2SC4517A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE COB fT
MIN 550
TYP.
MAX
UNIT V
0.5 1.2 100 100 10 35 6 30 |I |I
V V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=1.0A IB1=0.15A IB2=-0.45A VCC=250V ,RL=250| 0.7 4.0 0.5 |I |I |I s s s
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4517 2SC4517A
Fig.2 Outline dimensions
3
JMnic
Product Specification
Silicon NPN Power Transistors
2SC4517 2SC4517A
4


▲Up To Search▲   

 
Price & Availability of 2SC4517

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X